Part Number Hot Search : 
10U45 10BF60TR NJU7706F LM339AE RC455 TMS200 500UA B12V114B
Product Description
Full Text Search
 

To Download SA2011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SA2011 hangzhou?silan?microelectronics?co.,ltd rev:1.3???????2006.05.22 http:?www.silan.com.cn??????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?1?of?4 block?diagram absolute?maximum?rating ?(t amb =25 c) characteristics symbol rating unit maximum?supply?voltage v cc ?max 14 v allowable?power??dissipation p d max 900 mw operating?temperature t opr ?25?~?+75 c storage?temperature t stg ?55?~+150 c mic?amp?ic description SA2011?is?suitable?for?audio?mic?amplifier?of?portable?cassette?tape recorder?and?karaoke. features *?built?in?alc?det?circuit. *?built?in?nfb?resistance.?(voltage?gain?is?fixed) gv?=?47db?(?typ.)?:?f=1khz,?alc?off *?alc?level:?vout(alc)?=?0.6vrms(typ.) *?alc?range: r alc ?=?58db(typ.) *?operating?supply?voltage?range:?v cc =4v~14v applications *?cassette?tape?recorder,?karaoke,?etc? ??ordering?information device package SA2011 sip8-7
SA2011 hangzhou?silan?microelectronics?co.,ltd rev:1.3???????2006.05.22 http:?www.silan.com.cn??????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?2?of?4 electival?dharacteristics ?(v cc =7v,?f r ?=1khz,?r l =10k w ,?t amb= 25 c) characteristics symbol test?condition min. typ. max. unit quiescent?current i ccq ?v in =0,?alc?on -- 5.0 8.0 ma voltage?gain g v -- 45.5 47 48.5 db maximum?output?voltage v om ? thd?=?1% 1.0 1.3 -- vrms total?harmonic?distortion thd v out =?0.3vrms b w ?=?400hz~30khz -- 0.2 0.5 % alc?level v ou t(alc) v in =?0.0178vrms(-35dbv) 0.7 0.8 0.9 vrms alc?range r alc ? 3db?up 40 58 -- db attack?time t atk v in =1.41mvrms(-57.0dbv) ? 0.014vrms(-37.0dbv) -- 0.05 -- s recovery?time t rcv v in =0.014vrms(-37.0dbv) ? 0.447mvrms(-67.0dbv) -- 2 -- s ripple?rejection?ratio r.r.? f=100hz,v ripple ?=?0.1vrms -30 -46 -- db input?resistance r in -- 20 -- k w equivalent?input?noise?voltage v ni b w ?=?20hz~20khz g v =?47db,?r g ?=?2.2k w -- 1.4 3.0  v pin?configuration pin?descriptions pin?no. pin?name description 1 nc no?connection. 2 in- feedback?port. 3 in positive?input?of?amp. 4 gnd ground. 5 out output?of?amp. 6 detout? output?of?alc?det,?connected?to?a?10  f?capacitance?. 7 v cc v cc . note :?when?the?seal?is?looked?in?positive?direction,?the?left?pin?on?the?bottom?is?the?first?pin?(pin?1).
SA2011 hangzhou?silan?microelectronics?co.,ltd rev:1.3???????2006.05.22 http:?www.silan.com.cn??????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?3?of?4 function?description 1.?this?ic?built-in?alc?detect?circuit.?when?input?large?signal,?the?alc?become?high?level,?and?control?the?output amplitude;?when?input?small?signal,?the?alc?is?shut?down,?output?gain?is?fixed. 2.?voltage?gain?of?amplifier?is?determined?by?the?built-in?negative?feedback?resistance. test?circuit package?outline sip8-7 ??????????????????????????????????????unit:?mm 6 . 5 0 0 . 2 5 2. 54 1. 20 8 . 0 0 0 . 3 0 3 . 4 0 0 . 3 0 0.5 45 2. 80 0. 25 0. 27 0. 07 19 .2 0.3 0 . 7 m a x


▲Up To Search▲   

 
Price & Availability of SA2011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X